Part Number Hot Search : 
AN41023A ML4621CP SBR20 SBR20 SBR20 WTM88 SBR20 PD190122
Product Description
Full Text Search
 

To Download 1N50ZL-T92-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 1n50z power mosfet www.unisonic.com.tw 1 of 7 copyright ? 2014 unisonic technologies co., ltd qw-r502-726.d 1.3 a , 500v n-channel power mosfet ? description the utc 1n50z is an n-channel mode power mosfet using utc?s advanced technology to provide customers with planar stripe and dmos technology. this technology allows a minimum on-state resistance and superior switching per formance. it also can withstand high energy pulse in the avalanche and commutation mode. the utc 1n50z is generally applied in high efficiency switch mode power supplies, active power factor correction and electronic lamp ballasts based on half bridge topology. ? features * r ds(on) < 6.0 ? @ v gs =10v * high switching speed * 100% avalanche tested ? symbol 2.drain 3.source 1.gate ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 1N50ZL-T92-B 1n50zg-t92-b to-92 g d s tape box 1n50zl-t92-k 1n50zg-t92-k to-92 g d s bulk 1n50zl-tn3-r 1n50zg-tn3-r to-252 g d s tape reel note: pin assignment: g: gate d: drain s: source
1n50z power mosfet unisonic technologies co., ltd 2 of 7 www.unisonic.com.tw qw-r502-726.d ? marking to-252 to-92
1n50z power mosfet unisonic technologies co., ltd 3 of 7 www.unisonic.com.tw qw-r502-726.d ? absolute maximum ratings (t c =25c, unless otherwise specified) parameter symbol ratings unit drain-source voltage v dss 500 v gate-source voltage v gss 20 v drain current continuous (t c =25c) i d 1.3 (note 2) a pulsed (note 3) i dm 5 (note 2) a avalanche current (note 3) i ar 1.3 a avalanche energy single pulsed (note 4) e as 113 mj repetitive (note 5) e ar 2.6 mj power dissipation to-92 p d 40 w to-252 45 derate above 25c to-92 0.32 w/c to-252 0.36 junction temperature t j +150 c storage temperature t stg -55~+150 c notes: 1. absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. 2. drain current limited by maximum junction temperature 3. repetitive rating: pulse width limit ed by maximum junction temperature 4. i sd 1.5a, di/dt 200a/s, v dd bv dss , starting t j = 25c ? thermal data parameter symbol ratings unit junction to ambient to-92 ja 160 c/w to-252 110 junction to case to-92 jc 80 c/w to-252 4.53
1n50z power mosfet unisonic technologies co., ltd 4 of 7 www.unisonic.com.tw qw-r502-726.d ? electrical characteristics (t c =25c, unless otherwise specified) parameter symbol test conditions min typ max unit off characteristics drain-source breakdown voltage bv dss i d =250a, v gs =0v 500 v drain-source leakage current i dss v ds =500v, v gs =0v 1 a gate- source leakage current forward i gss v gs =+20v, v ds =0v +5 a reverse v gs =-20v, v ds =0v -5 a on characteristics gate threshold voltage v gs ( th ) v ds =v gs , i d =250a 2.0 4.0 v static drain-source on-state resistance r ds ( on ) v gs =10v, i d =0.5a 4.6 6.0 ? dynamic parameters input capacitance c iss v gs =0v, v ds =25v, f=1.0mhz 220 290 pf output capacitance c oss 30 35 pf reverse transfer capacitance c rss 11 13 pf switching parameters total gate charge q g v gs =10v, v ds =50v, i d =1.3a (note 1, 2) 12.5 16 nc gate to source charge q gs 3.2 nc gate to drain charge q gd 2.7 nc turn-on delay time t d ( on ) v dd =30v, i d =0.5a, r g =25 ? (note 1, 2) 20 35 ns rise time t r 40 50 ns turn-off delay time t d ( off ) 70 90 ns fall-time t f 48 60 ns source- drain diode ratings and characteristics maximum body-diode continuous current i s 1.3 a maximum body-diode pulsed current i sm 5 a drain-source diode forward voltage v sd i s =1.3a, v gs =0v 1.15 v body diode reverse recovery time t r r i s =1.5a, v gs =0v, di f /dt=100a/s (note 1) 130 ns body diode reverse recovery charge q rr 0.32 c notes: 1. pulse test: pulse width 300s, duty cycle 2% 2. essentially independent of operating temperature
1n50z power mosfet unisonic technologies co., ltd 5 of 7 www.unisonic.com.tw qw-r502-726.d ? test circuits and waveforms v ds 90% 10% v gs t d(on) t r t d(off) t f switching test circuit switching waveforms 10v charge q gs q gd q g v gs gate charge test circuit gate charge waveform v dd t p time bv dss i as i d(t) v ds(t) unclamped inductive switching test circuit unclamped inductive switching waveforms
1n50z power mosfet unisonic technologies co., ltd 6 of 7 www.unisonic.com.tw qw-r502-726.d ? test circuits and waveforms(cont.) same type as d.u.t. l v dd driver v gs r g - v ds d.u.t. + * dv/dt controlled by r g * i sd controlled by pulse period * d.u.t.-device under test - + peak diode recovery dv/dt test circuit p. w. period d= v gs (driver) i sd (d.u.t.) i fm , body diode forward current di/dt i rm body diode reverse current body diode recovery dv/dt body diode forward voltage drop v dd 10v v ds (d.u.t.) v gs = p.w. period peak diode recovery dv/dt waveforms
1n50z power mosfet unisonic technologies co., ltd 7 of 7 www.unisonic.com.tw qw-r502-726.d ? typical characteristics drain current, i d (a) drain current, i d (a) drain current, i d (a) drain current, i d (a) utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior writ ten consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of 1N50ZL-T92-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X